Part Number Hot Search : 
P4202 AD7503 2B001 MM5Z56 3N255 W005G 2SA915K 25ETTT
Product Description
Full Text Search
 

To Download ISL29021IROZ-EVALZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL29021
Data Sheet March 3, 2009 FN6732.0
Digital Proximity Sensor with Interrupt Function
The ISL29021 is an integrated proximity and infrared sensor with a built-in IR LED driver and I2C Interface (SMBus Compatible). This device provides infrared sensing to allow proximity estimation featured with interrupt function. For infrared and proximity sensing, an internal ADC has been designed based on the charge-balancing A/D conversion technique. The ADC is used to digitize the output signal from the photodiode array when the internal IR LED driver is turned on and off for the programmed time periods under user-selected modulation frequency to drive the external IR LED. As this proximity sensor employs a noise cancellation scheme to highly reject unwanted IR noise, the digital output of proximity sensing decreases with distance. The driver output current is user selectable up to 100mA to drive different types of IR emitters LEDs. Four different modes of operation can be selected via the I2C interface: programmable IR sensing once, programmable proximity sensing once, programmable continuous IR sensing and programmable continuous proximity sensing. The programmable one-time operation modes greatly reduce power because an immediate automatic shutdown reduces overall supply current less than 0.5A. The ISL29021 supports both hardware and software interrupts that remain asserted until the host clears it through I2C interface for proximity detection. Designed to operate on supplies from 2.5V to 3.63V, the ISL29021 is specified for operation over the -40C to +85C ambient temperature range. It is packaged in a clear, Pb-free 8 Ld ODFN package.
Features
Proximity Sensing * Ambient IR Cancellation During Proximity Sensing - Works Under Direct Sunlight * IR LED Driver with Programmable Source Current - Adjustable Current Drive from 100mA to 12.5mA * Programmable LED current Modulation Frequency * Variable Conversion Resolution up to 16-bits * Selectable Range (via I2C) * Works Under Various Light Sources, Including Sunlight Ideal Spectral Response for Proximity Sensor * Proximity sensor range from 850nm to 950nm - Can use either 850nm or 950nm LED solution Ultra Low Power * 90A Max Operating Current * Software Shutdown and Automatic Shutdown - 0.5A Max Shutdown Current Easy to Use * I2C (SMBus Compatible) Output * No Complex Algorithms Needed * Temperature Compensated * Small Form Factor - 8 Ld 2.0mmx2.1mmx0.7mm ODFN Package Additional Features * I2C and SMBus Compatible * 1.7V to 3.63V Supply for I2C Interface * 2.25V to 3.63V Sensor Power Supply * Pb-Free (RoHS compliant)
Ordering Information
PART NUMBER (Note) ISL29021IROZ-T7* TEMP. RANGE (C) -40 to +85 PACKAGE (Pb-Free) 8 Ld ODFN PKG. DWG. # L8.2.1x2.0
Applications
* Display and Keypad Proximity Sensing for: - Mobile Devices: Smart Phone, PDA, GPS - Computing Devices: Notebook PC, Webpad - Consumer Devices: LCD-TV, Digital Picture Frame, Digital Camera * Industrial and Medical Proximity Sensing
ISL29021IROZ-EVALZ Evaluation Board *Please refer to TB347 for details on reel specifications. NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2009. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
ISL29021 Pinout
ISL29021 (8 LD ODFN TOP VIEW)
VDDD 1 VDDA 2 GND 3 REXT 4 8 IRDR 7 INT 6 SDA 5 SCL
EXPOSED PAD CAN BE CONNECTED TO GND OR ELECTRICALLY ISOLATED
Pin Descriptions
PIN NUMBER PIN NAME 1 2 3 4 5 6 7 8 VDDD VDDA GND REXT SCL SDA INT IRDR Positive digital supply: 2.5V to 3.63V. Positive analog supply: 2.5V to 3.63V, VDDA and VDDD should be externally shorted. Ground. External resistor pin setting the internal reference current and the conversion time. 499k with 1% tolerance resistor is recommended. I2C serial clock line I2C serial data line Interrupt pin; LO for interrupt/alarming. The INT pin is an open drain. IR LED driver pin connecting to the anode of the external IR LED. The source current of the IR LED driver can be programmed through I2C. Exposed pad connected to ground or electrically isolated. The I2C bus lines can be pulled from 1.7V to above VDD, 3.63V max. DESCRIPTION
Block Diagram
VDDA 2 VDDD 1
COMMAND REGISTER IR DATA PROCESS INTEGRATION ADC DATA REGISTER 6 IR PHOTODIODE ARRAY IREF INTERRUPT FOSC IR DRIVER 4 REXT 3 GND ISL29021 7 INT I2C 5 SDA SCL
8
IRDR
2
FN6732.0 March 3, 2009
ISL29021
Absolute Maximum Ratings (TA = +25C)
VSUP(VDDD,VDDA) Supply Voltage between VDD and GND . . . . . .4V VDDA Supply Voltage between VDDA and GND . . . . VDDD +/- 0.5V I2C Bus (SCL, SDA) and INT Pin Voltage . . . . . . . . . . . . -0.2V to 4V I2C Bus (SCL, SDA) and INT Pin Current . . . . . . . . . . . . . . . <10mA IRDR Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . -0.2V to VDD + 0.5V REXT Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . -0.2V to VDD + 0.5V ESD Rating Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Thermal Information
Thermal Resistance (Typical, Note 1) JA (C/W) 8 Ld ODFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88 Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +90C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-40C to +100C Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40C to +85C Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTE: 1. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
PARAMETER VSUP ISUP(OFF) ISUP(ON) VI2C fOSC tint FI2C DATA_IR0 DATA_FS DATA_IR1 DATA_IR2 DATA_IR3 DATA_IR4 VREF VIL VIH ISDA, IINT IIRDR1 IIRDR2 IIRDR3 IIRDR4 VIRLED tr tf fIRLED1 fIRLED2
VSUP(VDDD,VDDA) = 3V, TA = +25C, REXT = 499k 1% tolerance, 16-bit ADC operation, unless otherwise specified. CONDITION (Note 2) Software disabled or auto power-down MIN 2.25 0.1 70 1.7 675 16-bit ADC data 750 90 1 to 400 E = 0 lux 1 6 TYP MAX 3.63 0.5 90 3.63 825 UNIT V A A V kHz ms kHz Counts
DESCRIPTION Power Supply Range for VDDD, VDDA Supply Current when Powered Down Supply Current of IR Sensing Supply Voltage Range for I2C Interface Internal Oscillator Frequency ADC Integration/Conversion Time I2C Clock Rate Range Count Output When Dark Full Scale ADC Code Infrared Count Output Infrared Count Output Infrared Count Output Infrared Count Output Voltage of REXT Pin SCL and SDA Input Low Voltage SCL and SDA Input High Voltage SDA and INT Current Sinking Capability IRDR Source Current IRDR Source Current IRDR Source Current IRDR Source Current Voltage Head Room of IRDR Pin Rise Time for IRDR Source Current Fall Time for IRDR Source Current IR LED Modulation Frequency IR LED Modulation Frequency IS<1:0> = 0 (Note 4) IS<1:0> = 1 (Note 4) IS<1:0> = 2 (Note 4) IS<1:0> = 3 (Note 4)
65535 Counts E = 210 lux, Sunlight (Note 3), IR sensing, Range 1 E = 210 lux, Sunlight (Note 3), IR sensing, Range 2 E = 210 lux, Sunlight (Note 3), IR sensing, Range 3 E = 210 lux, Sunlight (Note 3), IR sensing, Range 4 15000 20000 5000 1250 312 0.52 0.55 1.25 4 5 100 15 at IRDR pin 44 50 25 12.5 VDD - 0.6 RLOAD = 15 at IRDR pin, 20% to 80% RLOAD = 15 at IRDR pin, 80% to 20% Freq = 0 (Note 4) Freq = 1 (Note 4) 35 10 DC 360 58 25000 Counts Counts Counts Counts V V V mA mA mA mA mA V ns ns kHz kHz
3
FN6732.0 March 3, 2009
ISL29021
Electrical Specifications
PARAMETER VSUP(VDDD,VDDA) = 3V, TA = +25C, REXT = 499k 1% tolerance, 16-bit ADC operation, unless otherwise specified. (Continued) CONDITION IS<1:0> = 0, Freq = 0 (Note 4) IS<1:0> = 0, Freq = 1 (Note 4) MIN TYP 101 51 50 1.0 MAX UNIT mA mA % %
DESCRIPTION
ISUP (IRLED1) Supply Current of Proximity Sensing ISUP (IRLED2) Supply Current of Proximity Sensing Duty Cycle PROX-IR PROX NOTES: 2. VSUP is the common voltage to VDDD and VDDA. Duty Cycle of IR LED Modulation
Differential ADC Output of IR and Proximity IR and proximity sensing with Range 2; 15 @ IRDR Sensing With Object Far Away to Provide pin, IS<1:0> = 0, Freq = 0; E = 210 lux, Sunlight. No Reflection
3. 850nm infrared LED is used in production test. The 850nm LED irradiance is calibrated to produce the same DATA_IR count against an illuminance level of 210 lux sunlight at sea level. 4. See "Register Set" on page 6.
Principles of Operation
Photodiodes and ADC
The ISL29021 contains a photodiode array which converts infrared energy into current. The spectral response for IR sensing is shown in Figure 6 in the performance curves section. After IR radiation is converted to current during the infrared signal processing, the current output is converted to digital by a built-in 16-bit Analog-to-Digital Converter (ADC). An I2C command reads the infrared light intensity in counts. The converter is a charge-balancing integration type 16-bit ADC. The chosen method for conversion is best for converting small current signals in the presence of an AC periodic noise. A 100ms integration time, for instance, highly rejects 50Hz and 60Hz power line noise simultaneously. See "Integration and Conversion Time" on page 7. The built-in ADC offers user flexibility in integration time or conversion time. Integration time is determined by an internal oscillator (fOSC), and the n-bit (n = 4, 8, 12,16) counter inside the ADC. A good balancing act of integration time and resolution depending on the application is required for optimal results. The ADC has I2C programmable range select to dynamically accommodate various IR conditions. For very dim conditions, the ADC can be configured at its lowest range (Range 1). For very bright conditions, the ADC can be configured at its highest range (Range 4) in the proximity sensing.
do ADC conversion with proximity sensing if it receives an I2C command of continuous measurement. It will continuously update the data registers with the latest conversion data. It will go to the power-down mode after it receives the I2C command of power-down.
Infrared and Proximity Sensing
There are four operational modes in ISL29021: programmable IR sensing once with auto power-down, programmable proximity sensing once with auto power-down, programmable continuous IR sensing and programmable continuous proximity sensing. These four modes can be programmed in series to fulfill the application needs. The detailed program configuration is listed in "Register Set" on page 6. When the part is programmed for infrared (IR) sensing, the IR light with wavelength within the "IR or Proximity Sensing" spectral response curve on Figure 6 is converted into current. With ADC, the current is converted to an unsigned n-bit (up to 16 bits) digital output. When the part is programmed for proximity sensing, the external IR LED is turned on by the built-in IR LED driver through the IRDR pin. The amplitude of the IR LED current and the IR LED modulation frequency can be programmed through Command Register II. When the IR from the LED reaches an object and gets reflected back, the reflected IR light with wavelength within the "IR or Proximity Sensing" spectral response curve in Figure 6 is converted into current. With ADC, the current is converted to an unsigned n-bit (up to 16 bits) digital output. The output reading is inversely proportional to the square of the distance between the sensor and the object.
Low-Power Operation
The ISL29021 initial operation is at the power-down mode after a supply voltage is provided. The data registers contain the default value of 0. When the ISL29021 receives an I2C command to do a one-time measurement from an I2C master, it will start ADC conversion with proximity sensing. It will go to the power-down mode automatically after one conversion is finished and keep the conversion data available for the master to fetch anytime afterwards. The ISL29021 will continuously
Interrupt Function
The active low interrupt pin is an open drain pull-down configuration. There is also an interrupt bit in the I2C register. The interrupt serves as an alarm or monitoring function to determine whether the infrared light level or the proximity detection level exceeds the upper threshold or goes below the lower threshold. The user can also configure the persistency
FN6732.0 March 3, 2009
4
ISL29021
of the interrupt. An unexpected camera flash, for example, can be ignored by setting the persistency to 8 integration cycles. Figure 1 shows a sample one-byte read. Figure 2 shows a sample one-byte write. The I2C bus master always drives the SCL (clock) line, while either the master or the slave can drive the SDA (data) line. Figure 2 shows a sample write. Every I2C transaction begins with the master asserting a start condition (SDA falling while SCL remains high). The following byte is driven by the master, and includes the slave address and read/write bit. The receiving device is responsible for pulling SDA low during the acknowledgement period. Every I2C transaction ends with the master asserting a stop condition (SDA rising while SCL remains high). For more information about the I2C standard, please consult the PhilipsTM I2C specification documents.
I2C Interface
There are eight 8-bit registers available inside the ISL29021. The two command registers define the operation of the device. The command registers do not change until the registers are overwritten. The two 8-bit data Read Only registers are for the ADC output and the Timer output. The data registers contain the ADC's latest digital output, or the number of clock cycles in the previous integration period. The four 8-bit interrupt registers hold 16-bit interrupt high and low thresholds. The ISL29021's I2C interface slave address is internally hardwired as 1000100. When 1000100x with x as R or W is sent after the Start condition, this device compares the first seven bits of this byte to its address and matches.
I2C DATA I2C SDA IN I2C SDA OUT I2C CLK START DEVICE ADDRESS WA REGISTER ADDRESS
STOP START
DEVICE ADDRESS
A
DATA BYTE0
A6 A5 A4 A3 A2 A1 A0 W A R7 R6 R5 R4 R3 R2 R1 R0 A
A6 A5 A4 A3 A2 A1 A0 W
A
SDA DRIVEN BY ISL29021
SDA DRIVEN BY MASTER
A
SDA DRIVEN BY MASTER
A
SDA DRIVEN BY MASTER
A D7 D6 D5 D4 D3 D2 D1 D0
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
FIGURE 1. I2C READ TIMING DIAGRAM SAMPLE
START I2C DATA I2C SDA IN
DEVICE ADDRESS
W
A
REGISTER ADDRESS
A
FUNCTIONS
A
STOP
A6 A5 A4 A3 A2 A1 A0
W
A
R7 R6 R5 R4 R3 R2 R1 R0
A
B7 B6 B5 B4 B3 B2 B1 B0
A
I2C SDA OUT SDA DRIVEN BY MASTER I2C CLK IN 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 A SDA DRIVEN BY MASTER A SDA DRIVEN BY MASTER A
FIGURE 2. I2C WRITE TIMING DIAGRAM SAMPLE
5
FN6732.0 March 3, 2009
ISL29021 Register Set
There are eight registers that are available in the ISL29021. Table 1 summarizes their functions.
TABLE 1. REGISTER SET BIT ADDR 00h 01h 02h 03h 04h 05h 06h 07h REG NAME COMMANDI COMMANDII DATALSB DATAMSB INT_LT_LSB INT_LT_MSB INT_HT_LSB INT_HT_MSB 7 OP2 1 D7 D15 TL7 TL15 TH7 TH15 6 OP1 FREQ D6 D14 TL6 TL14 TH6 TH14 5 OP0 IS1 D5 D13 TL5 TL13 TH5 TH13 4 0 IS0 D4 D12 TL4 TL12 TH4 TH12
.
3 0 RES1 D3 D11 TL3 TL11 TH3 TH11
2 FLAG RES0 D2 D10 TL2 TL10 TH2 TH10
1 PRST1 RANGE1 D1 D9 TL1 TL9 TH1 TH9
0 PRST0 RANGE0 D0 D8 TL0 TL8 TH0 TH8
DEFAULT 00h 00h 00h 00h 00h 00h FFh FFh
Command Register I 00(hex)
The first command register has the following functions: 1. Operation Mode: Bits 7, 6, and 5.These three bits determines the operation mode of the device.
TABLE 2. OPERATION MODE BITS 7 TO 5 000 001 010 011 100 101 110 111 OPERATION Power-down the device Reserved (Do not use) IR once Proximity once Reserved (Do not use) Reserved (Do not use) IR continuous Proximity continuous BITS 1 TO 0 00 01 10 11
TABLE 4. INTERRUPT PERSIST NUMBER OF INTEGRATION CYCLES 1 4 8 16
Command Register II 01(hex)
The second command register has the following functions: 1. Proximity Sensing Scheme: Bit 7. This bit programs the function of the proximity detection. Logic 1 of this bit, Scheme 1, makes n-1 (3, 7, 11, 15) bits (2's complementary) proximity_less_ambient detection. The range of Scheme 1 proximity count is from -2(n-1) to 2(n-1), Scheme 1 proximity detection is less affected by the ambient IR noise variation.
TABLE 5. PROXIMITY SENSING SCHEME BIT 7 0 1 Reserved Sensing IR from LED with ambient IR rejection OPERATION
2. Interrupt flag; Bit 2. This is the status bit of the interrupt. The bit is set to logic high when the interrupt thresholds have been triggered, and logic low when not yet triggered. Once triggered, INT pin stays low and the status bit stays high. Both interrupt pin and the status bit are automatically cleared at the end of Command Register I transfer.
TABLE 3. INTERRUPT FLAG BIT 2 0 1 OPERATION Interrupt is cleared or not triggered yet Interrupt is triggered
2. Modulation Frequency: Bits 6. This bit sets the IR LED driver's modulation frequency.
TABLE 6. MODULATION FREQUENCY BITS 6 0 1 MODULATION FREQUENCY (kHz) DC 360
3. Interrupt persist; Bits 1 and 0. The interrupt pin and the interrupt flag is triggered/set when the data sensor reading is out of the interrupt threshold window after m consecutive number of integration cycles. The interrupt persist bits determine m.
3. Amplitude of IR driver current: Bits 5 and 4. This device provides current source to drive an external IR LED. The drive capability can be programmed through Bits 5 and 4. For example, the device sources 12.5mA out of the IRDR pin if Bits 5 and 4 are 0.
6
FN6732.0 March 3, 2009
ISL29021
.
TABLE 7. CURRENT SOURCE CAPABILITY AT IRDR PIN BITS 5 TO 4 00 01 10 11 IRDR PIN SOURCE CURRENT 12.5mA IR LED driver 25mA IR LED driver 50mA IR LED driver 100mA IR LED driver
Registers 06 and 07 hex set the high (HI) threshold for the interrupt pin and the interrupt flag. 06 hex is the LSB and 07 hex is the MSB. By default, the Interrupt threshold HI is FF hex for both LSB and MSB.
Integration and Conversion Time
The ADC resolution and fOSC determines the integration time, tint.
(EQ. 1)
4. Resolution: Bits 3 and 2. Bits 3 and 2 determine the ADC's resolution and the number of clock cycles per conversion in Internal Timing Mode. Changing the number of clock cycles does more than just change the resolution of the device. It also changes the integration time, which is the period the device's analog-to-digital (A/D) converter samples the photodiode current signal for a measurement.
.
R EXT n n 1 t int = 2 x ------------- = 2 x --------------------------------------------725kHz x 499k f OSC
where n is the number of bits of resolution and n = 4, 8, 12 or 16. 2n, therefore, is the number of clock cycles. n can be programmed at the command register 01(hex) bits 3 and 2.
TABLE 11. INTEGRATION TIME OF n-BIT ADC
TABLE 8. RESOLUTION/WIDTH BITS 3 TO 2 00 01 10 11 NUMBER OF CLOCK CYCLES 216 = 65,536 212 = 4,096 28 = 256 24 = 16 n-BIT ADC 16 12 8 4 REXT (k) 250 499**
n = 16-BIT 45ms 90ms
n = 12-BIT 2.812ms 5.63ms
n = 8-BIT 175.5s 351s
n = 4-BIT 10.8s 21.6s
**Recommended REXT resistor value
5. Range: Bits 1 and 0. The Full Scale Range (FSR) can be adjusted via I2C using Bits 1 and 0. Table 9 lists the possible values of FSR for the 499k REXT resistor.
TABLE 9. RANGE/FSR BITS 1:0 00 01 10 11 k 1 2 3 4 RANGE(k) Range1 Range2 Range3 Range4 FSR @ IR SENSING Refer to page 3 Refer to page 3 Refer to page 3 Refer to page 3
External Scaling Resistor REXT for fOSC and Range
The ISL29021 uses an external resistor REXT to fix its internal oscillator frequency, fOSC. Range. fOSC and Range are inversely proportional to REXT. For user simplicity, the proportionality constant is referenced to 499k:
499k Range = ----------------- x Range ( k ) R EXT 499k f OSC = ----------------- x 725 kHz R EXT (EQ. 2) (EQ. 3)
Data Registers (02 hex and 03 hex)
The device has two 8-bit read-only registers to hold the data from LSB to MSB for ADC. The most significant bit (MSB) is accessed at 03 hex, and the least significant bit (LSB) is accessed at 02 hex. For 16-bit resolution, the data is from D0 to D15; for 12-bit resolution, the data is from D0 to D11; for 8-bit resolution, the data is from D0 to D7. The registers are refreshed after every conversion cycle.
TABLE 10. DATA REGISTERS ADDRESS (hex) 02 03 CONTENTS D0 is LSB for 4, 8, 12 or 16-bit resolution, D3 is MSB for 4-bit resolution, D7 is MSB for 8-bit resolution D15 is MSB for 16-bit resolution, D11 is MSB for 12-bit resolution
Noise Rejection
In general, integrating type ADC's have excellent noise-rejection characteristics for periodic noise sources whose frequency is an integer multiple of the conversion rate. For instance, a 60Hz AC unwanted signal's sum from 0ms to k*16.66ms (k = 1,2...ki) is zero. Similarly, setting the device's integration time to be an integer multiple of the periodic noise signal, greatly improves the proximity sensor output signal in the presence of noise.
ADC Output in IR Sensing
The ISL29021's ADC output codes, DATA, are directly proportional to the IR intensity received in the IR sensing.
DATA IR = x E IR (EQ. 4)
Interrupt Registers (04, 05, 06 and 07 hex)
Registers 04 and 05 hex set the low (LO) threshold for the interrupt pin and the interrupt flag. 04 hex is the LSB and 05 hex is the MSB. By default, the Interrupt threshold LO is 00 hex for both LSB and MSB.
Here, EIR is the received IR intensity. The constant changes with the spectrum of background IR noise like sunlight and incandescent light. The also changes with the ADC's range and resolution selections.
ADC Output in Proximity Sensing
In the proximity sensing, the ADC output codes, DATA, are directly proportional to the total IR intensity from the
7
FN6732.0 March 3, 2009
ISL29021
background IR noise and from the IR LED driven by the ISL29021 as shown in Equation 5.
DATA PROX = x E IR + x E LED (EQ. 5)
LED Modulation for Proximity Detection
ISL29021 offers two ways to modulate the LED in the Proximity Detection mode - DC or 360kHz (with 50% duty cycle) by bit 6 of register 01h. At the IRDR pin, there are four different IRDR LED currents; 12.5, 25, 50, and 100mA outputs selectable by bits 4 and 5 of register 01h. With the LED running in the DC mode, the proximity detection is twice as sensitive but consumes 2x more current. The sensitivity of LED 50mA, DC 50mA is identical to that of 100mA, 360kHz modulation. Please note that the ISL29021 does not include a LED.
Here, and EIR have the same meanings as in Equation 4. The constant depends on the spectrum of the used IR LED and the ADC's range and resolution selections. ELED is the IR intensity which is emitted from the IR LED and reflected by a specific objector to the ISL29021. ELED depends on the current to the IR LED and the surface of the object. ELED decreases with the square of the distance between the object and the sensor. If background IR noise is small, EIR can be neglected, and the ADC output directly decreases with the distance. If there is significant background IR noise, ISL29021 is to do a proximity sensing using Scheme 1 to do on-chip background IR noise subtraction. Figure 9 shows ISL29021 configured at 12-bit ADC resolution and sensitivity range select at 16000 (range 3) for the proximity reading. A 12.5mA external LED current at 360kHz modulation frequency detects three different sensing objects: 92% brightness paper, 18% gray card and ESD black foam. Figure 10 shows ISL29021 configured at 12-bit ADC resolution and sensitivity range select at 1000 (range 1) for the proximity reading, with a programmed external LED at 360kHz modulation frequency, detecting the same sensing object: 18% gray card under four different external LED current: 12.5mA, 25mA, 50mA and 100mA to compare the proximity readout versus distance. ISL29021 Proximity sensing relies on the amount of IR reflected back from the objects to be detected. Clearly, it can not detect an optically black object that reflects no light. However, ISL29021 is sensitive enough to detect a black ESD foam, which reflects slightly less than 1% of IR, as shown in Figure 9. For biological objects, blonde hair reflects more than brunette hair, as expected and shown in Figure 11. Also notice that skin tissue is much more reflective than hair. IR penetrates into the skin and is reflected or scattered back from within. As a result, the proximity count peaks at contact and monotonically decreases as skin moves away. This characteristic is very different from that of a plain paper reflector.
Current Consumption Estimation
The low power operation is achieved through sequential readout in the serial fashion, as shown in Figure 3, the device requires three different phases in serial during the entire detection cycle to do infrared sensing and proximity sensing. The external IR LED will only be turned on during the proximity sensing phase under user program controlled current at modulated frequency depends on user selections. Figure 3 also shows the current consumption during each IR sensing and Proximity sensing phase. For example, at 8-bit ADC resolution the integration time is 0.4ms. If user programed 50mA current to supply external IR LED at 360kHz modulated frequency, during the entire operation cycle that includes IR sensing and Proximity sensing three different serial phases, the detection occurs once every 30ms, the average current consumption including external IR LED drive current can be calculated from Equation 6:
[ ( 0.05mA + 0.05mA + 1mA + (50mA 50%)) 0.4ms ) ]/30ms = 0.35mA
(EQ. 6)
If at a 12-bit ADC resolution where the integration time for each serial phase becomes 7ms and the total detection time becomes 100ms, the average current can be calculated from Equation 7:
[ ( 0.05mA + 0.05mA + 1mA + (50mA 50%)) 7ms ) ]/100ms = 1.83mA
(EQ. 7)
Suggested PCB Footprint
It is important that the users check the "Surface Mount Assembly Guidelines for Optical Dual FlatPack No Lead (ODFN) Package" before starting ODFN product board mounting. http://www.intersil.com/data/tb/TB477.pdf
Interrupt Function
Depending on the mode of operation set by Bits 7, 6 and 5 of command register 00 hex, the upper and lower interrupt thresholds are for either infrared signal level or proximity detection. After each change of mode of operation, it is expected a new set of thresholds are loaded to interrupt registers 04, 05, 06 and 07 hex for proper interrupt detection. Also, the interrupt persist counter will be reset to 0 when the mode of operation is changed.
Layout Considerations
The ISL29021 is relatively insensitive to layout. Like other I2C devices, it is intended to provide excellent performance even in significantly noisy environments. There are only a few considerations that will ensure best performance. Route the supply and I2C traces as far as possible from all sources of noise. Use two power-supply decoupling capacitors 1F and 0.1F, placed close to the device.
8
FN6732.0 March 3, 2009
ISL29021 Typical Circuit
A typical application for the ISL29021 is shown in Figure 4. The ISL29021's I2C address is internally hardwired as 1000100. The device can be tied onto a system's I2C bus together with other I2C compliant devices.
Soldering Considerations
Convection heating is recommended for reflow soldering; direct-infrared heating is not recommended. The plastic ODFN package does not require a custom reflow soldering profile, and is qualified to +260C. A standard reflow soldering profile with a +260C maximum is recommended.
30ms 1
IR
0.4ms
50
PROXIMITY
0.4ms
1mA
IR LED 360 kHz
50mA
FIGURE 3. CURRENT CONSUMPTION FOR EACH INTEGRATION PHASE AND DETECTION CYCLE
1.7V TO 3.63V R1 10k R2 10k R3 10k I2C MASTER MICROCONTROLLER INT SDA SCL
2.25V TO 3.63V
SLAVE_0 1 2 3 4 REXT 499k VDDD VDDA GND REXT IRDR INT SDA SCL 8 7 6 5
SLAVE_1 SDA SCL
I2C SLAVE_n SDA SCL
ISL29021
C1 1
C2 0.1
FIGURE 4. ISL29021 TYPICAL CIRCUIT
9
FN6732.0 March 3, 2009
ISL29021 Typical Performance Curves
1.2 SUN NORMALIZED LIGHT INTENSITY NORMALIZED RESPONSE 1.0 0.8 0.6 0.4 0.2 0 300 FLUORESCENT INCANDESCENT 1.0 0.8 0.6 0.4 0.2 0 -0.2 300 IR AND PROXIMITY SENSING
VSUP (VDDD, VDDA) = 3V, REXT = 499k
1.2
HALOGEN
400
500
600 700 800 WAVELENGTH (nm)
900
1000
1100
400
500
600 700 800 WAVELENGTH (nm)
900
1000
1100
FIGURE 5. SPECTRUM OF FOUR LIGHT SOURCES
FIGURE 6. SPECTRAL RESPONSE FOR PROXIMITY SENSING
RADIATION PATTERN 20 LUMINOSITY 30 ANGLE 40 50 60 70 80 90 0.2 0.4 0.6 0.8 RELATIVE SENSITIVITY 10 0 10 20 40 50 60 70 80 90 1.0 DATAPROX-DATAIR 30
10000 92% BRIGHTNESS PAPER 1000 18% GRAY CARD 100
10 ESD BLACK FOAM 1
0
20
40 60 DISTANCE (mm)
80
100
FIGURE 7. RADIATION PATTERN
FIGURE 8. ADC OUTPUT vs DISTANCE WITH DIFFERENT OBJECTS IN PROXIMITY SENSING
4500 DATAPROX - DATAIR (COUNT) 4000 DATAPROX-DATAIR (COUNT) 3500 3000 2500 2000 1500 1000 500 0 0 10 20 30 40 50 60 70 80 90 IIRLED = 100mA IIRLED = 50mA IIRLED = 25mA IIRLED = 12.5mA
350 300 PIG'S SKIN 250 200 150 100 50 0 12-BIT ADC RANGE 3 fLED = 328kHz ILED = 12.5mA 4mm CENTER-TO-CENTER FOR ISL29021 AND SFH4650, ISOLATED BY BARRIER AND BEHIND A 65% IR TRANSMITTING GLASS
18% GRAY 130 CTS = 500 CTS x 65% x 65% = 211 CTS BLOND HAIR
BRUNETTE HAIR
0
10
DISTANCE (mm)
20 30 40 DISTANCE (mm)
50
60
FIGURE 9. ADC OUTPUT vs DISTANCE WITH DIFFERENT LED CURRENT AMPLITUDES IN PROXIMITY SENSING
FIGURE 10. PROXIMITY DETECTIONS OF VARIOUS BIOLOGICAL OBJECTS
10
FN6732.0 March 3, 2009
ISL29021 Typical Performance Curves
VSUP (VDDD, VDDA) = 3V, REXT = 499k (Continued)
105.0 104.5 IRDR OUTPUT CURRENT (mA) 104.0 103.5 103.0 102.5 102.0 101.5 101.0 100.5 100.0 -40 -20 0 20 40 60 TEMPERATURE (xC 80 100 120 PROXIMITY SENSING IS<1:0> = 0
FIGURE 11. OUTPUT CURRENT vs TEMPERATURE IN PROXIMITY SENSING
2.10
1
8
2 SENSOR OFFSET
7
2.00
0.40 3 6 0.54
4
5
0.37
FIGURE 12. 8 LD ODFN SENSOR LOCATION OUTLINE
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 11
FN6732.0 March 3, 2009
ISL29021
Package Outline Drawing
L8.2.1x2.0
8 LEAD OPTICAL DUAL FLAT NO-LEAD PLASTIC PACKAGE (ODFN) Rev 0, 10/08
2.10 A B 6 PIN 1 INDEX AREA 2.00 1.50 0.50 6 PIN #1 INDEX AREA
1.50 0.200.0
(2X)
0.10 8X 0 . 35 0 . 0
0.10 M C A B
0.75
TOP VIEW
BOTTOM VIEW
SEE DETAIL "X" 0.10 C 0.700.0 BASE PLANE SEATING PLANE 0.08 C C
SIDE VIEW
(6x0.50)
(1.50)
(8x0.20) C 0 . 2 REF 5
(8x0.55) (0.75) 0 . 00 MIN. 0 . 05 MAX.
TYPICAL RECOMMENDED LAND PATTERN
DETAIL "X"
NOTES: 1. Dimensions are in millimeters. Dimensions in ( ) for Reference Only. 2. Dimensioning and tolerancing conform to AMSE Y14.5m-1994. 3. Unless otherwise specified, tolerance : Decimal 0.0 4. Dimension b applies to the metallized terminal and is measured between 0.25mm and 0.35mm from the terminal tip. 5. Tiebar shown (if present) is a non-functional feature. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 indentifier may be either a mold or mark feature.
12
FN6732.0 March 3, 2009


▲Up To Search▲   

 
Price & Availability of ISL29021IROZ-EVALZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X